Part Number Hot Search : 
AQV214 SC2932 1N5253B MAX16 ISP1520 TFS150G3 VF168 TFS150G3
Product Description
Full Text Search
 

To Download 86205A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  agilent 86205A & 86207a 50 ? & 75 ? rf bridges technical data 300 khz to 6 ghz (50 ? ) 300 khz to 3 ghz (75 ? ) 40 db directivity excellent directivity allows you to measure high return loss devices and good port match lets you measure low return loss devices. this is especially important when making reflection measurements with scalar network analyzers, vector network analyzers and spectrum analyzers. wide frequency range the bridges have an exceptionally wide rf frequency range: 300 khz to 6 ghz for the 50 ? 86205A and 300 khz to 3 ghz for the 75 ? 86207a. they are ideal acces- sories w hen used with the 8753 family of rf vector net- work analyzers. low insertion loss these bridges offer low insertion loss, (nominally 1.5 db), which is significantly less than the typical 6 to 8 db nor- mally associated with rf bridges. low insertion loss means more power to the de vice under test. this is required for the measurement of high-power solid state amplifiers and traveling wave tube amplifiers. flat coupling factor the frequency response of the coupled arm for t hese bridges is very flat, within 0.2 db of the nominal value of 16 db. this is important in appli cations such as external power leveling where a power meter or diode detector is used to remotely level the output power from an rf source and when measuring power level dependent devices such as the lo input to a mixer or the rf input to an amplifier during compression testing. the 86205A/86207a high directivity rf bridges offer unparal- leled performance in a variety of general purpose applica- tions. they are ideal for accurate reflection measurements and signal-leveling applications. they com bine the directivity and broad-band frequency range of directional bridges and the low insertion loss and flat coupling factor of directional couplers.
specifications specifications describe the instrument? warranted per- formance over the temperature range of 0 ? to 55 ?. supplemental characteristics are intended to provide information useful in applying the instrument by giving supplemental, but not warranted performance parame- ters. these are denoted as ?ypical.? 86205A frequency range 300 khz to 6 ghz impedance 50 ohms (nominal) directivity (25 ?, ? ?) 30 db, 0.3 mhz to 5 mhz 40 db, 5 mhz to 2 ghz 30 db, 2 ghz to 3 ghz (typical) 20 db, 3 ghz to 5 ghz (typical) 16 db, 5 ghz to 6 ghz port match 23 db, 0.3 mhz to 2.0 ghz (1.15 swr) 20 db, 2.0 ghz to 3 ghz (1.22 swr) (typical) 18 db, 3 ghz to 5 ghz (1.29 swr) (typical) 16 db, 5 ghz to 6 ghz (1.38 swr) supplemental characteristics insertion loss 1.5 db, +0.1 db/ghz insertion loss deviation ?.2 db coupling factor (< 3 ghz) 16.0 db, +0.15 db/ghz (> 3 ghz) 16.5 db, ?.20 db/ghz coupling factor deviation (< 3 ghz) ?.2 db, (> 3 ghz) ?.4 db maximum input power 25 dbm maximum dc, volts (through arm) 30 vdc maximum dc, volts (coupled arm) 0 vdc maximum dc, amps (through arm) 1 amp below 1 mhz directivity and port match will be slightly degraded above 200 ma bias current. connectors type-n (female) dimensions 160 w x 93 h x 23 mm d (6.3 w x 3.7 h x 1 in d) weight net 0.57 kg (1.3 lbs), shipping 1.80 kg (4.0 lbs) models 86205A rf bridge (50 ? ) 86207a rf bridge (75 ? ) 806207a frequency range 300 khz to 3 ghz impedance 75 ohms (nominal) directivity (25 ?, ? ?) 30 db, 0.3 mhz to 5 mhz 40 db, 5 mhz to 1.3 ghz 35 db, 1.3 ghz to 2 ghz (typical) 30 db, 2 ghz to 3 ghz port match 20 db, 0.3 ghz to 1.3 ghz (1.22 swr) (typical) 18 db, 1.3 ghz to 2 ghz (1.29 swr) (typical) 18 db, 2 ghz to 3 ghz (1.29 swr) ?0 db ?0 ?0 ?0 ?0 ?0 0.3 mhz 10 mhz 100 mhz 1 ghz 6 ghz frequency directivity ?0 db ?0 ?0 ?0 ?0 ?0 0.3 mhz 1 mhz 10 mhz 1 ghz 3 ghz frequency 100 mhz directivity ?.1 db ?.5 ?.3 ?.5 ?.7 ?.9 0.3 mhz 3 ghz 6 ghz frequency ?.1 ?.3 insertion loss ?5.6 db ?7.0 ?5.8 ?6.0 ?6.2 ?6.4 0.3 mhz 3 ghz 6 ghz frequency ?6.6 ?6.8 coupling factor www.agilent.com/find/emailupdates get the latest information on the products and applications you select. for more information on agilent technologies?products, applications or services, please contact your local agilent office. the complete list is available at: www.agilent.com/find/contactus product specifications and descriptions in this document subject to change without notice. ?agilent technologies, inc. 2005, 2001 printed in usa, february 8, 2005 5091-3117e


▲Up To Search▲   

 
Price & Availability of 86205A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X